Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC410MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC410MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC410MS8G
Download  HMC410MS8G Download
File Size   214.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9.0 - 15.0 GHz

HMC410MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC410MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC410MS8G
Download  HMC410MS8G Click to download

File Size   214.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9.0 - 15.0 GHz

HMC410MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC410MS8G Product details

General Description
The HMC410MS8G is a passive double balanced high IP3 mixer that operates between 9 GHz and 15 GHz. The HMC410MS8G operates with LO drive levels between +13 dBm and +19 dBm, and provides 8 dB conversion loss across the entire specifi ed frequency band. This mixer requires no external components or bias.

Features
   Conversion Loss: 8.0 dB
   LO/RF Isolation: 40 dB
   LO/IF Isolation: 37 dB
   Input IP3: +24 dBm
   No External Components
   MSOP8G SMT Package

Typical Applications
The HMC410MS8G is ideal for:
• Long Haul Radio Platforms
• Microwave Radio
• VSAT




Similar Part No. - HMC410MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
More results


Similar Description - HMC410MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
HMC412MS8G HITTITE-HMC412MS8G Datasheet
208Kb / 6P
DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC663LC3 HITTITE-HMC663LC3 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 6 - 12 GHz
HMC316MS8 HITTITE-HMC316MS8_08 Datasheet
206Kb / 6P
GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC663LC3 HITTITE-HMC663LC3_10 Datasheet
524Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 Mixer, 6 - 12 GHz
HMC350MS8 HITTITE-HMC350MS8_10 Datasheet
188Kb / 6P
GaAs MMIC HIGH IP3 SINGLE BALANCED MIXER, 0.6 - 1.2 GHz
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com