Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC711LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC711LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC711LC5
Download  HMC711LC5 Download
File Size   791.74 Kbytes
Page   14 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz

HMC711LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC711LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC711LC5
Download  HMC711LC5 Click to download

File Size   791.74 Kbytes
Page   14 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz

HMC711LC5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC711LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
More results


Similar Description - HMC711LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com