Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774LC3B Datasheet (PDF) - Hittite Microwave Corporation

HMC774LC3B Datasheet PDF - Hittite Microwave Corporation
Part # HMC774LC3B
Download  HMC774LC3B Download
File Size   529.58 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC Fundam ental Mixer, 7 - 34 GHz

HMC774LC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC774LC3B Datasheet PDF - Hittite Microwave Corporation

Part # HMC774LC3B
Download  HMC774LC3B Click to download

File Size   529.58 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC Fundam ental Mixer, 7 - 34 GHz

HMC774LC3B Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC774LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC774LC3B HITTITE-HMC774LC3B Datasheet
222Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
HMC774LC3B HITTITE-HMC774LC3B_09 Datasheet
222Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
More results


Similar Description - HMC774LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC774 HITTITE-HMC774_09 Datasheet
250Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz
HMC774LC3B HITTITE-HMC774LC3B_09 Datasheet
222Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC773 HITTITE-HMC773_10 Datasheet
558Kb / 6P
GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B_10 Datasheet
521Kb / 6P
GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC774 HITTITE-HMC774_10 Datasheet
556Kb / 6P
GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
HMC787LC3B HITTITE-HMC787LC3B Datasheet
588Kb / 8P
GaAs MMIC Fundam ental Mixer, 3 - 10 GHz
HMC1015 HITTITE-HMC1015 Datasheet
561Kb / 8P
GaAs MMIC Fundam ental Mixer, 26 - 32 GHz
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com