Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1015 Datasheet (PDF) - Hittite Microwave Corporation

HMC1015 Datasheet PDF - Hittite Microwave Corporation
Part # HMC1015
Download  HMC1015 Download
File Size   561.19 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC Fundam ental Mixer, 26 - 32 GHz

HMC1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1015 Datasheet PDF - Hittite Microwave Corporation

Part # HMC1015
Download  HMC1015 Click to download

File Size   561.19 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC Fundam ental Mixer, 26 - 32 GHz

HMC1015 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC1015

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC - 3.9 GHz
logo
Analog Devices
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
logo
Hittite Microwave Corpo...
HMC1013LP4E HITTITE-HMC1013LP4E Datasheet
878Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
logo
Analog Devices
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC1014 HITTITE-HMC1014 Datasheet
1Mb / 10P
GaAs pHEMPT MMIC 0.5 Watt
More results


Similar Description - HMC1015

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC773 HITTITE-HMC773 Datasheet
244Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC260 HITTITE-HMC260_09 Datasheet
226Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC773 HITTITE-HMC773_10 Datasheet
558Kb / 6P
GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B_10 Datasheet
521Kb / 6P
GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC774 HITTITE-HMC774_10 Datasheet
556Kb / 6P
GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
HMC774LC3B HITTITE-HMC774LC3B_10 Datasheet
529Kb / 6P
GaAs MMIC Fundam ental Mixer, 7 - 34 GHz
HMC787LC3B HITTITE-HMC787LC3B Datasheet
588Kb / 8P
GaAs MMIC Fundam ental Mixer, 3 - 10 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com