Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1014 Datasheet (PDF) - Hittite Microwave Corporation

HMC1014 Datasheet PDF - Hittite Microwave Corporation
Part # HMC1014
Download  HMC1014 Download
File Size   1226.17 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMPT MMIC 0.5 Watt

HMC1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1014 Datasheet PDF - Hittite Microwave Corporation

Part # HMC1014
Download  HMC1014 Click to download

File Size   1226.17 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMPT MMIC 0.5 Watt

HMC1014 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC1014

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC - 3.9 GHz
logo
Analog Devices
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
logo
Hittite Microwave Corpo...
HMC1013LP4E HITTITE-HMC1013LP4E Datasheet
878Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
logo
Analog Devices
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC1015 HITTITE-HMC1015 Datasheet
561Kb / 8P
GaAs MMIC Fundam ental Mixer, 26 - 32 GHz
More results


Similar Description - HMC1014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHF-0189 ETC1-SHF-0189 Datasheet
99Kb / 4P
0.05 - 6 GHz, 0.5 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0189 SIRENZA-SHF-0189 Datasheet
99Kb / 4P
0.05 - 6 GHz, 0.5 Watt GaAs HFET
SHF-0186K SIRENZA-SHF-0186K Datasheet
731Kb / 4P
0.05-6 GHz, 0.5 Watt GaAs HFET
logo
Hittite Microwave Corpo...
HMC-APH460 HITTITE-HMC-APH460 Datasheet
226Kb / 6P
GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz
HMC994 HITTITE-HMC994 Datasheet
587Kb / 10P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 32 GHz
HMC994_1110 HITTITE-HMC994_1110 Datasheet
619Kb / 10P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz
HMC1024 HITTITE-HMC1024 Datasheet
971Kb / 10P
GaAs pHEMT MMIC 1 WATT
logo
Analog Devices
HMC637A AD-HMC637A Datasheet
374Kb / 8P
GaAs MMIC 1 WATT POWER AMPLIFIER
HMC-APH460 AD-HMC-APH460 Datasheet
311Kb / 6P
GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER
HMC994A AD-HMC994A Datasheet
835Kb / 14P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 30 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com