Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC861LP3E Datasheet (PDF) - Hittite Microwave Corporation

HMC861LP3E Datasheet PDF - Hittite Microwave Corporation
Part # HMC861LP3E
Download  HMC861LP3E Download
File Size   989.26 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)

HMC861LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC861LP3E Datasheet PDF - Hittite Microwave Corporation

Part # HMC861LP3E
Download  HMC861LP3E Click to download

File Size   989.26 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)

HMC861LP3E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC861LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC861LP3E HITTITE-HMC861LP3E Datasheet
1Mb / 8P
13 GHz LOW NOISE PROGRAMMABLE
HMC861LP3E HITTITE-HMC861LP3E_12 Datasheet
1Mb / 8P
13 GHz LOW NOISE PROGRAMMABLE
More results


Similar Description - HMC861LP3E

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-13-6014 TELEDYNE-CLA-13-6014 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6015 TELEDYNE-CLA-13-6015 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC705LP4 HITTITE-HMC705LP4 Datasheet
1Mb / 12P
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC861LP3E HITTITE-HMC861LP3E_12 Datasheet
1Mb / 8P
13 GHz LOW NOISE PROGRAMMABLE
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com