Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC905LP3E Datasheet (PDF) - Hittite Microwave Corporation

HMC905LP3E Datasheet PDF - Hittite Microwave Corporation
Part # HMC905LP3E
Download  HMC905LP3E Download
File Size   746.83 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)

HMC905LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC905LP3E Datasheet PDF - Hittite Microwave Corporation

Part # HMC905LP3E
Download  HMC905LP3E Click to download

File Size   746.83 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)

HMC905LP3E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC905LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Hittite Microwave Corpo...
HMC902 HITTITE-HMC902 Datasheet
441Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
logo
Analog Devices
HMC902 AD-HMC902 Datasheet
276Kb / 13P
Low Noise Amplifier
Jan-2018
HMC902-SX AD-HMC902-SX Datasheet
276Kb / 13P
Low Noise Amplifier
Jan-2018
More results


Similar Description - HMC905LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC705LP4 HITTITE-HMC705LP4 Datasheet
1Mb / 12P
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
HMC861LP3E HITTITE-HMC861LP3E_12 Datasheet
1Mb / 8P
13 GHz LOW NOISE PROGRAMMABLE
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
Low Noise Amplifier 1 ??4 GHz
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
logo
Guerrilla RF, Inc.
GRF2074W GUERRILLA-GRF2074W Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier 1 to 6 GHz
February 20, 2023
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com