Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC908LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC908LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC908LC5
Download  HMC908LC5 Download
File Size   1191.9 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz

HMC908LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC908LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC908LC5
Download  HMC908LC5 Click to download

File Size   1191.9 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz

HMC908LC5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC908LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
HMC908ALC5 AD-HMC908ALC5 Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
HMC908ALC5TR AD-HMC908ALC5TR Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
HMC908ALC5TR- AD-HMC908ALC5TR- Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
More results


Similar Description - HMC908LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC569LC5 HITTITE-HMC569LC5 Datasheet
228Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5_08 Datasheet
247Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_09 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC869LC5 HITTITE-HMC869LC5_10 Datasheet
678Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC568LC5 HITTITE-HMC568LC5_10 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com