Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC908ALC5 Datasheet (PDF) - Analog Devices

HMC908ALC5 Datasheet PDF - Analog Devices
Part # HMC908ALC5
Download  HMC908ALC5 Download
File Size   784.08 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter

HMC908ALC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC908ALC5 Datasheet PDF - Analog Devices

Part # HMC908ALC5
Download  HMC908ALC5 Click to download

File Size   784.08 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter

HMC908ALC5 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC908ALC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC908LC5 HITTITE-HMC908LC5 Datasheet
1Mb / 6P
GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
More results


Similar Description - HMC908ALC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC569LC5 HITTITE-HMC569LC5 Datasheet
228Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5_08 Datasheet
247Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_09 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC869LC5 HITTITE-HMC869LC5_10 Datasheet
678Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC908LC5 HITTITE-HMC908LC5 Datasheet
1Mb / 6P
GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
HMC568LC5 HITTITE-HMC568LC5_10 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
logo
Analog Devices
HMC951A AD-HMC951A Datasheet
645Kb / 31P
5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. 0 to Rev. A
HMC977 AD-HMC977 Datasheet
797Kb / 20P
GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
11/2019-v02.0815 to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com