Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC928LP5E Datasheet (PDF) - Hittite Microwave Corporation

HMC928LP5E Datasheet PDF - Hittite Microwave Corporation
Part # HMC928LP5E
Download  HMC928LP5E Download
File Size   726.54 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 450째 Analog Phase Shifter, 2 - 4 GHz

HMC928LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC928LP5E Datasheet PDF - Hittite Microwave Corporation

Part # HMC928LP5E
Download  HMC928LP5E Click to download

File Size   726.54 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 450째 Analog Phase Shifter, 2 - 4 GHz

HMC928LP5E Datasheet (HTML) - Hittite Microwave Corporation


HMC928LP5E Product details

general Description
the hMC928LP5e is an analog Phase shifter which is controlled via an analog control voltage from 0 to +13V. the hMC928LP5e provides a continuously variable phase shift of 0 to 450 degrees from 2 to 4 Ghz, with extremely consistent low insertion loss versus phase shift and frequency. the high accuracy hMC928LP5e is monotonic with respect to control voltage and features a typical low phase error of ±5 degrees over an octave bandwidth. the hMC928LP5e is housed in an rohs compliant 5x5 mm QfN leadless package.

features
Octave Bandwidth: 2 - 4 Ghz
450° Phase shift
Low insertion Loss: 3.5 dB
Low Phase error: ±5 typical
single Positive Voltage Control
32 Lead 5x5 mm sMt Package: 25 mm²

typical Applications
the hMC928LP5e is ideal for:
• EW Receivers
• Military Radar
• Test Equipment
• Satellite Communications
• Beamforming Modules




Similar Part No. - HMC928LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
HMC922LP4E HITTITE-HMC922LP4E Datasheet
622Kb / 6P
GaAs MMIC NON-REFLECTIVE DIFFERENTIAL SPDT SWITCH, DC - 4 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
More results


Similar Description - HMC928LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC934LP5E HITTITE-HMC934LP5E Datasheet
571Kb / 6P
400 Analog Phase Shifter, 1 - 2 GHz
HMC898LP4E HITTITE-HMC898LP4E Datasheet
818Kb / 6P
400 Analog Phase Shifter, 1 - 2 GHz
HMC935LP5E HITTITE-HMC935LP5E Datasheet
960Kb / 6P
180 Analog Phase Shifter, 2 - 20 GHz
HMC929LP4E HITTITE-HMC929LP4E Datasheet
860Kb / 6P
430째 Analog Phase Shifter, 4 - 8 GHz
logo
Custom MMIC Design Serv...
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD175P4 QORVO-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
5-18 GHz Analog Phase Shifter
August 23, 2021
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com