Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC934LP5E Datasheet (PDF) - Hittite Microwave Corporation

HMC934LP5E Datasheet PDF - Hittite Microwave Corporation
Part # HMC934LP5E
Download  HMC934LP5E Download
File Size   571.63 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 400 Analog Phase Shifter, 1 - 2 GHz

HMC934LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC934LP5E Datasheet PDF - Hittite Microwave Corporation

Part # HMC934LP5E
Download  HMC934LP5E Click to download

File Size   571.63 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 400 Analog Phase Shifter, 1 - 2 GHz

HMC934LP5E Datasheet (HTML) - Hittite Microwave Corporation


HMC934LP5E Product details

General Description
the hMC934LP5e is an analog Phase shifter which is controlled via an analog control voltage from 0 to +13V. the hMC934LP5e provides a continuously variable phase shift of 0 to 400 degrees from 1 to 2 Ghz, with extremely consistent low insertion loss versus phase shift and frequency. the high accuracy hMC934LP5e is monotonic with respect to control voltage and features a typical low phase error of +3.5 / -2 degrees. the hMC934LP5e is housed in an rohs compliant 5 x 5 mm QfN leadless package.

Features
Octave Bandwidth: 1 to 2 Ghz
400° Phase shift
Low insertion Loss: 3.5 dB
Low Phase error: +3.5 / -2 deg
single Positive Voltage Control
32 Lead 5 x 5 mm QfN Package: 25 mm²

Typical Applications
the hMC934LP5e is ideal for:
• EW Receivers
• Military Radar
• Test Equipment
• Satellite Communications
• Beam Forming Modules




Similar Part No. - HMC934LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC930A AD-HMC930A Datasheet
253Kb / 16P
Test instrumentation
Rev. 0
logo
Hittite Microwave Corpo...
HMC931LP4E HITTITE-HMC931LP4E Datasheet
844Kb / 6P
410 Analog Phase Shifter, 8 - 12 GHz
HMC931LP4E HITTITE-HMC931LP4E Datasheet
938Kb / 6P
410째 Analog Phase Shifter, 8 - 12 GHz
HMC931LP4E_1103 HITTITE-HMC931LP4E_1103 Datasheet
938Kb / 6P
410째 Analog Phase Shifter, 8 - 12 GHz
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
390째 Analog Phase Shifter, 12 - 18 GHz
More results


Similar Description - HMC934LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC898LP4E HITTITE-HMC898LP4E Datasheet
818Kb / 6P
400 Analog Phase Shifter, 1 - 2 GHz
HMC935LP5E HITTITE-HMC935LP5E Datasheet
960Kb / 6P
180 Analog Phase Shifter, 2 - 20 GHz
HMC928LP5E HITTITE-HMC928LP5E Datasheet
726Kb / 6P
450째 Analog Phase Shifter, 2 - 4 GHz
HMC929LP4E HITTITE-HMC929LP4E Datasheet
860Kb / 6P
430째 Analog Phase Shifter, 4 - 8 GHz
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
390째 Analog Phase Shifter, 12 - 18 GHz
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
5-18 GHz Analog Phase Shifter
August 23, 2021
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com