Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC930A Datasheet (PDF) - Analog Devices

HMC930A Datasheet PDF - Analog Devices
Part # HMC930A
Download  HMC930A Download
File Size   253.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Test instrumentation

HMC930A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC930A Datasheet PDF - Analog Devices

Part # HMC930A
Download  HMC930A Click to download

File Size   253.84 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Test instrumentation

HMC930A Datasheet (HTML) - Analog Devices


HMC930A Product details

GENERAL DESCRIPTION
The HMC930A is a gallium arsenide (GaAs), pseudomorphic, high electron mobility transfer (pHEMT), monolithic microwave integrated circuit (MMIC), distributed power amplifier that operates from dc to 40 GHz. The HMC930A provides 13 dB of gain, 33.5 dBm output IP3, and 22 dBm of output power at 1 dB gain compression, requiring 175 mA from a 10 V supply. The HMC930A exhibits a slightly positive gain slope from 8 GHz to 32 GHz, making it ideal for electronic warfare (EW), electronic countermeasures (ECM), radar, and test equipment applications. The HMC930A amplifier inputs/outputs (I/Os) are internally matched to 50 Ω, facilitating integration into multichip modules (MCMs). All data is taken with the chip connected via two 0.025 mm (1 mil) wire bonds of minimal length at 0.31 mm (12 mils).

FEATURES
   High output power for 1 dB compression (P1dB): 22 dBm
   High saturated output power (PSAT): 24 dBm
   High gain: 13 dB
   High output third-order intercept (IP3): 33.5 dBm
   Supply voltage: 10 V at 175 mA
   50 Ω matched input/output
   Die size: 2.82 mm × 1.50 mm × 0.1 mm

APPLICATIONS
   Test instrumentation
   Microwave radios and VSATs
   Military and space
   Telecommunications infrastructure
   Fiber optics




Similar Part No. - HMC930A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC931LP4E HITTITE-HMC931LP4E Datasheet
844Kb / 6P
410 Analog Phase Shifter, 8 - 12 GHz
HMC931LP4E HITTITE-HMC931LP4E Datasheet
938Kb / 6P
410째 Analog Phase Shifter, 8 - 12 GHz
HMC931LP4E_1103 HITTITE-HMC931LP4E_1103 Datasheet
938Kb / 6P
410째 Analog Phase Shifter, 8 - 12 GHz
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
390째 Analog Phase Shifter, 12 - 18 GHz
HMC933LP4E HITTITE-HMC933LP4E Datasheet
816Kb / 6P
470째 Analog Phase Shifter, 18 - 24 GHz
More results


Similar Description - HMC930A

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com