Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC949 Datasheet (PDF) - Hittite Microwave Corporation

HMC949 Datasheet PDF - Hittite Microwave Corporation
Part # HMC949
Download  HMC949 Download
File Size   980.4 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz

HMC949 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC949 Datasheet PDF - Hittite Microwave Corporation

Part # HMC949
Download  HMC949 Click to download

File Size   980.4 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz

HMC949 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC949

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
logo
Analog Devices
HMC949 AD-HMC949 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC949

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC757 HITTITE-HMC757 Datasheet
276Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC965LP5E HITTITE-HMC965LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR
HMC995LP5GE HITTITE-HMC995LP5GE Datasheet
905Kb / 10P
GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12 - 16 GHz
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC950 HITTITE-HMC950_11 Datasheet
572Kb / 10P
GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
logo
Analog Devices
HMC952ALP5GE AD-HMC952ALP5GE Datasheet
831Kb / 10P
GaAs pHEMT MMIC 2 Watt POWER AMPLIFIER WITH POWER DETECTOR
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com