Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1020LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC1020LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC1020LP4E
Download  HMC1020LP4E Download
File Size   1698.64 Kbytes
Page   22 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz

HMC1020LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1020LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC1020LP4E
Download  HMC1020LP4E Click to download

File Size   1698.64 Kbytes
Page   22 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz

HMC1020LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC1020LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR SINGLE-ENDED
More results


Similar Description - HMC1020LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC610LP4 HITTITE-HMC610LP4 Datasheet
1Mb / 12P
70 dB RMS POWER DETECTOR, DC - 3.9 GHz
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
RMS Power Detector
Rev 0; 10/09
logo
Hittite Microwave Corpo...
HMC909LP4E HITTITE-HMC909LP4E Datasheet
2Mb / 21P
RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC - 3.9 GHz
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
HMC1030LP5E HITTITE-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR DC - 3.9 GHz
logo
Analog Devices
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR SINGLE-ENDED
logo
Maxim Integrated Produc...
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
RMS Power Detector
Rev 1; 2/11
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com