Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-APH462 Datasheet (PDF) - Hittite Microwave Corporation

HMC-APH462 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-APH462
Download  HMC-APH462 Download
File Size   235.26 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz

HMC-APH462 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-APH462 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-APH462
Download  HMC-APH462 Click to download

File Size   235.26 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz

HMC-APH462 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-APH462

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
logo
Analog Devices
HMC-APH462 AD-HMC-APH462 Datasheet
326Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER
HMC-APH462 AD-HMC-APH462 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC-APH462

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC-APH460 HITTITE-HMC-APH460 Datasheet
226Kb / 6P
GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz
HMC-APH473 HITTITE-HMC-APH473 Datasheet
208Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC-APH518 HITTITE-HMC-APH518 Datasheet
206Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 21 - 24 GHz
HMC-APH608 HITTITE-HMC-APH608 Datasheet
206Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 22.5 - 26.5 GHz
logo
Analog Devices
HMC-APH478 AD-HMC-APH478 Datasheet
293Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER
HMC-APH462 AD-HMC-APH462 Datasheet
326Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER
HMC-APH473 AD-HMC-APH473 Datasheet
293Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER
HMC-APH518 AD-HMC-APH518 Datasheet
291Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER
HMC-APH608 AD-HMC-APH608 Datasheet
291Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com