Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9060-CF Datasheet (PDF) - Gennum Corporation

GS9060-CF Datasheet PDF - Gennum Corporation
Part # GS9060-CF
Download  GS9060-CF Download
File Size   941.29 Kbytes
Page   61 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver

GS9060-CF Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9060-CF Datasheet PDF - Gennum Corporation

Part # GS9060-CF
Download  GS9060-CF Click to download

File Size   941.29 Kbytes
Page   61 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver

GS9060-CF Datasheet (HTML) - Gennum Corporation


GS9060-CF Product details

Description
The GS9060 is a reclocking deserializer with a serial loop-through cable driver. When used in conjunction with any Gennum cable equalizer and the GO1555/GO1525* Voltage Controlled Oscillator, a received solution can be realized for SD-SDI and DVB-ASI applications.
In addition to reclocking an deserializing the input data stream, the GS9060 performs NRZI-to-NRZ decoding, descrambling as per SMPTE 259M-C, and word alignment when operating in SMPTE mode. When operating in DVB-ASI mode, the device will word align the data to K28.5 sync characters and 8b/10b decode the received stream.

Key Features
• SMPTE 259M-C compliant descrambling and NRZI → NRZ decoding (with bypass)
• DVB-ASI sync word detection and 8b/10b decoding
• serial loop-through cable driver output selectable as reclocked or non-reclocked
• dual serial digital input buffers with 2 x 1 mux
• integrated serial digital signal termination
• integrated reclocker
• descrambler bypass option
• adjustable loop bandwidth
• user selectable additional processing features including:
    • TRS, ANC data checksum and EDH CRC error detection and correction
    • programmable ANC data detection
    • illegal code remapping
• internal flywheel for noise immune H, V, F extraction
• FIFO load Pulse
• 20-bit / 10-bit CMOS parallel output data bus
• 27MHz / 13.5MHz parallel digital output
• automatic standards detection and indication
• Pb-free and RoHS compliant
• 1.8V core power supply and 3.3V charge pump power supply
• 3.3V digital I/O supply
• JTAG test interface
• small footprint compatible with GS1560A, GS1561, GS1532, and GS9062

Applications
• SMPTE 259M-C Serial Digital Interfaces
• DVB-ASI Serial Digital Interfaces




Similar Part No. - GS9060-CF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9060 GENNUM-GS9060 Datasheet
191Kb / 9P
HD-LINX II Voltage Controlled Oscillator
More results


Similar Description - GS9060-CF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0341 NSC-LMH0341_09 Datasheet
578Kb / 28P
3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
logo
Gennum Corporation
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
HD, SD, DVB-ASI SDI Deserializer
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com