Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9077 Datasheet (PDF) - Gennum Corporation

GS9077 Datasheet PDF - Gennum Corporation
Part # GS9077
Download  GS9077 Download
File Size   278.04 Kbytes
Page   14 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX III SD-SDI Cable Driver

GS9077 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9077 Datasheet PDF - Gennum Corporation

Part # GS9077
Download  GS9077 Click to download

File Size   278.04 Kbytes
Page   14 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HD-LINX III SD-SDI Cable Driver

GS9077 Datasheet (HTML) - Gennum Corporation


GS9077 Product details

Description
The GS9077 is a high-speed BiCMOS integrated circuit designed to drive one or two 75Ω co-axial cables.
The GS9077 may drive data rates up to 540Mb/s and provides a disable pin that may be used to power down the output stage.
The GS9077 accepts a LVPECL level differential input that may be AC coupled. External biasing resistors at the inputs are not required.
Power consumption is typically 168mW using a 3.3V power supply. The GS9077 is Pb-free, and the encapsulation compound does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are RoHS compliant.

Features
• SMPTE 344M and SMPTE 259M compliant
• Dual coaxial cable driving outputs
• Selectable power down mode
• 50Ω differential PECL input
• Pb-free and RoHS compliant
• Seamless interface to other HD-LINX® III family products
• Single 3.3V power supply operation
• Operating temperature range: 0°C to 70°C

Applications
• SMPTE 344M and SMPTE 259M Coaxial Cable Serial Digital Interfaces.




Similar Part No. - GS9077

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
1Mb / 17P
HD-LINX II Adaptive Cable Equalizer
logo
Semtech Corporation
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
342Kb / 16P
GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
1Mb / 17P
HD-LINX II Adaptive Cable Equalizer
More results


Similar Description - GS9077

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
3Gbps HD/SD SDI Cable Driver
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
3Gbps HD/SD SDI Cable Driver
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
HD-SDI & SD-SDI Video
logo
Gennum Corporation
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
3Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
3G/HD/SD-SDI Low Power Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com