Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8895 Datasheet (PDF) - Active-Semi, Inc

ACT8895 Datasheet PDF - Active-Semi, Inc
Part # ACT8895
Download  ACT8895 Download
File Size   114.24 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Advanced PMU for SiRF Prima and Atlas IV

ACT8895 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8895 Datasheet PDF - Active-Semi, Inc

Part # ACT8895
Download  ACT8895 Click to download

File Size   114.24 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Advanced PMU for SiRF Prima and Atlas IV

ACT8895 Datasheet (HTML) - Active-Semi, Inc


ACT8895 Product details

GENERAL DESCRIPTION

The ACT8895 is a complete, cost effective, highly efficient ActivePMU™ power management solution, optimized for the unique power, voltage sequencing, and control requirements of the SiRF Prima™ and Atlas IV™ processors.



FEATURES

• Optimized for SiRF Prima™/Atlas IV™ Processors

• Three Step-Down DC/DC Converters

• Four Low-Dropout Linear Regulators

• I2C™ Serial Interface

• Advanced Enable/Disable Sequencing Controller

• Minimal External Components

• Tiny 5×5mm TQFN55-32 Package

− 0.75mm Package Height

− Pb-Free and RoHS Compliant



APPLICATIONS

• Personal Navigation Devices

• Portable Media Players

• Tablet Devices

• Smart Phones

• MIDs




Similar Part No. - ACT8895

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
119Kb / 3P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Similar Description - ACT8895

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8898 ACTIVE-SEMI-ACT8898 Datasheet
83Kb / 2P
Advanced PMU for Marvell Aspen
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
Advanced PMU for Samsung S3C6410
09-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
Advanced PMU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com