Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8895 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8895
Description  Advanced PMU for SiRF Prima and Atlas IV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8895 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8895 Datasheet HTML 1Page - Active-Semi, Inc ACT8895 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8895
Product Brief, 29-Nov-10
®
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
PRODUCT OPTIONS
Block
Function
Output Voltage
Capability
REG1
Step-Down DC/DC
Adjustable, or 0.6V to 3.9V
900mA
REG2
Step-Down DC/DC
700mA
REG3
Step-Down DC/DC
900mA
REG4
LDO
0.6V to 3.9V
150mA
REG5
LDO
150mA
REG6
LDO
150mA
REG7
LDO
150mA
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com