Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37K Datasheet (PDF) - Micronetics, Inc.

B37K Datasheet PDF - Micronetics, Inc.
Part # B37K
Download  B37K Download
File Size   270.35 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 3.7 to 8.6 GHz

B37K Datasheet (PDF)

Go To PDF Page Download Datasheet
B37K Datasheet PDF - Micronetics, Inc.

Part # B37K
Download  B37K Click to download

File Size   270.35 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 3.7 to 8.6 GHz

B37K Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - B37K

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B37 POWERDYNAMICS-B37 Datasheet
41Kb / 1P
1 CELL D (R20) BATTERY HOLDER INTERLOCKING; PCB / BASEBOARD MOUNT
logo
Micrel Semiconductor
B37 MICREL-B37 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B370 WEITRON-B370 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B370 WEITRON-B370 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - B37K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B37A MICRONETICS-B37A Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B37H MICRONETICS-B37H Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B37V MICRONETICS-B37V Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com