Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B60K Datasheet (PDF) - Micronetics, Inc.

B60K Datasheet PDF - Micronetics, Inc.
Part # B60K
Download  B60K Download
File Size   334.12 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 6.0 to 10.0 GHz

B60K Datasheet (PDF)

Go To PDF Page Download Datasheet
B60K Datasheet PDF - Micronetics, Inc.

Part # B60K
Download  B60K Click to download

File Size   334.12 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 6.0 to 10.0 GHz

B60K Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - B60K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B60K1000 EPCOS-B60K1000 Datasheet
96Kb / 7P
Block Varistors HighE Series
logo
MDE Semiconductor, Inc.
B60K1000 MDE-B60K1000 Datasheet
36Kb / 1P
Metal Oxide Varistors
B60K1000 MDE-B60K1000 Datasheet
36Kb / 1P
Metal Oxide Varistors
logo
EPCOS
B60K130 EPCOS-B60K130 Datasheet
96Kb / 7P
Block Varistors HighE Series
logo
MDE Semiconductor, Inc.
B60K130 MDE-B60K130 Datasheet
36Kb / 1P
Metal Oxide Varistors
More results


Similar Description - B60K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B60A MICRONETICS-B60A Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B60H MICRONETICS-B60H Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B60V MICRONETICS-B60V Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B61A MICRONETICS-B61A Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61K MICRONETICS-B61K Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61Q MICRONETICS-B61Q Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61V MICRONETICS-B61V Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com