Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C11K Datasheet (PDF) - Micronetics, Inc.

C11K Datasheet PDF - Micronetics, Inc.
Part # C11K
Download  C11K Download
File Size   334.12 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 10.9 to 12.8 GHz

C11K Datasheet (PDF)

Go To PDF Page Download Datasheet
C11K Datasheet PDF - Micronetics, Inc.

Part # C11K
Download  C11K Click to download

File Size   334.12 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 10.9 to 12.8 GHz

C11K Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - C11K

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
C11 SWITCH-C11 Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
New Jersey Semi-Conduct...
C11 NJSEMI-C11 Datasheet
137Kb / 2P
The Cll Silicon Controlled Rectifier
logo
ams-OSRAM AG
C11 AMSOSRAM-C11 Datasheet
1Mb / 72P
Flexible Lighting Management Unit
20060707
logo
YORKVILLE
C110 YORKVILLE-C110 Datasheet
107Kb / 1P
5-inch Mini Series Speaker
logo
HAKKO Corporation
C1100 HAKKO-C1100 Datasheet
2Mb / 10P
Desoldering Tool
More results


Similar Description - C11K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
C11A MICRONETICS-C11A Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
C11H MICRONETICS-C11H Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
C11Q MICRONETICS-C11Q Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
C11V MICRONETICS-C11V Datasheet
334Kb / 2P
Double Balanced Mixers 10.9 to 12.8 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com