Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C36A Datasheet (PDF) - Micronetics, Inc.

C36A Datasheet PDF - Micronetics, Inc.
Part # C36A
Download  C36A Download
File Size   275.11 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 3.6 to 4.3 GHz

C36A Datasheet (PDF)

Go To PDF Page Download Datasheet
C36A Datasheet PDF - Micronetics, Inc.

Part # C36A
Download  C36A Click to download

File Size   275.11 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 3.6 to 4.3 GHz

C36A Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - C36A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C360 COILCRAFT-C360 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C360 COILCRAFT-C360 Datasheet
100Kb / 1P
Designer’s Kits
logo
Powerbox
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
logo
General Cable Technolog...
C3602A GENERAL-C3602A Datasheet
72Kb / 1P
2C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3603A GENERAL-C3603A Datasheet
72Kb / 1P
3C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
More results


Similar Description - C36A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C36H MICRONETICS-C36H Datasheet
275Kb / 1P
Double Balanced Mixers 3.6 to 4.3 GHz
C36K MICRONETICS-C36K Datasheet
275Kb / 1P
Double Balanced Mixers 3.6 to 4.3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com