Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF02S Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

FF02S Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # FF02S
Download  FF02S Download
File Size   170.94 Kbytes
Page   8 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description 0.3mm Pitch Connector for FPC

FF02S Datasheet (PDF)

Go To PDF Page Download Datasheet
FF02S Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # FF02S
Download  FF02S Click to download

File Size   170.94 Kbytes
Page   8 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description 0.3mm Pitch Connector for FPC

FF02S Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.




Similar Part No. - FF02S

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FF02S25SV1 JAE-FF02S25SV1 Datasheet
224Kb / 1P
ODD NUMBER OF CONTACTS
FF02S27SV1 JAE-FF02S27SV1 Datasheet
224Kb / 1P
OOD NUMBER OF CONTACTS
More results


Similar Description - FF02S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
0.3mm Pitch Solid Back Lock FPC Connector
logo
Panasonic Semiconductor
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
FPC connectors (0.3mm pitch) Front lock without FPC tabs
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
FB8 JAE-FB8 Datasheet
144Kb / 4P
0.3mm Pitch Upper Contact One-touch connector for FPC
FB10 JAE-FB10 Datasheet
180Kb / 6P
0.3mm Pitch, 0.9mm Height FPC Connector
logo
Hirose Electric
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com