Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF02S Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FF02S
Description  0.3mm Pitch Connector for FPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FF02S Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FF02S Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FF02S Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MB-0146-2
2/8
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Ordering Information
Copper Alloy/ Partial Au Plating over Ni
Contact area: 0.1um Au min.
Terminal area: 0.03um Au min.
Contact
LCP (UL94V-0, Color: White)
Base insulator
PPS (UL94V-0, Color: Black)
Actuator
Materials & Finishes
Components
FF02S ** S * 1 - R3000
Series
No. of pos.
S: Socket
Reel No. (note1)
Contact plating specification
1: Partial Au plating over Ni
Modification code
Note1) An embossed tape reel contains 3000 pieces.
Please contact us for embossed tape specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com