Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10WT10FNTRL Datasheet (PDF) - Vishay Siliconix

10WT10FNTRL Datasheet PDF - Vishay Siliconix
Part # 10WT10FNTRL
Download  10WT10FNTRL Download
File Size   152.87 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Generation 5.0 Schottky Rectifier, 10 A

10WT10FNTRL Datasheet (PDF)

Go To PDF Page Download Datasheet
10WT10FNTRL Datasheet PDF - Vishay Siliconix

Part # 10WT10FNTRL
Download  10WT10FNTRL Click to download

File Size   152.87 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Generation 5.0 Schottky Rectifier, 10 A

10WT10FNTRL Datasheet (HTML) - Vishay Siliconix


10WT10FNTRL Product details

FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47

APPLICATIONS
• High efficiency SMPS
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• DC/DC systems
• Increased power density systems




Similar Part No. - 10WT10FNTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10WT10FNTRL VISHAY-10WT10FNTRL Datasheet
133Kb / 7P
High Performance Generation 5.0 Schottky Rectifier, 10 A
02-Nov-11
More results


Similar Description - 10WT10FNTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
MBR10T100 VISHAY-MBR10T100 Datasheet
114Kb / 7P
High Performance Schottky Generation 5.0, 10 A
24-Jul-08
20CUT10 VISHAY-20CUT10 Datasheet
155Kb / 9P
High Performance Schottky Generation 5.0, 2 x 10 A
04-Jan-11
30PT100 VISHAY-30PT100_11 Datasheet
156Kb / 8P
High Performance Generation 5.0 Schottky Rectifier, 30 A
10-Aug-11
10UT10 VISHAY-10UT10_12 Datasheet
133Kb / 7P
High Performance Generation 5.0 Schottky Rectifier, 10 A
02-Nov-11
MBR10T100 VISHAY-MBR10T100_12 Datasheet
146Kb / 8P
High Performance Schottky Generation 5.0, 10 A
24-Jul-08
MBR20T100CT VISHAY-MBR20T100CT_12 Datasheet
150Kb / 8P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
VS-10UT10 VISHAY-VS-10UT10 Datasheet
134Kb / 8P
High Performance Generation 5.0 Schottky Rectifier, 10 A
02-Nov-11
VS-10UT10 VISHAY-VS-10UT10_V01 Datasheet
131Kb / 7P
High Performance Generation 5.0 Schottky Rectifier, 10 A
02-Nov-11
MBR10T100 VISHAY-MBR10T100_V01 Datasheet
144Kb / 8P
High Performance Schottky Generation 5.0, 10 A
24-Jul-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com