Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40CPT100-F Datasheet (PDF) - Vishay Siliconix

40CPT100-F Datasheet PDF - Vishay Siliconix
Part # 40CPT100-F
Download  40CPT100-F Download
File Size   147.74 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 2 x 20 A

40CPT100-F Datasheet (PDF)

Go To PDF Page Download Datasheet
40CPT100-F Datasheet PDF - Vishay Siliconix

Part # 40CPT100-F
Download  40CPT100-F Click to download

File Size   147.74 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 2 x 20 A

40CPT100-F Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 40CPT100-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPT080-F VISHAY-40CPT080-F Datasheet
144Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
More results


Similar Description - 40CPT100-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
High Performance Schottky Generation 5.0, 2 x 20 A
08-Sep-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 30 A
07-Oct-08
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
07-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
High Performance Schottky Generation 5.0, 2 x 15 A
19-Feb-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
High Performance Schottky Generation 5.0, 2 x 10 A
15-Oct-08
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
High Performance Schottky Generation 5.0, 2 x 15 A
01-Oct-09
MBR40H100WT-F VISHAY-MBR40H100WT-F Datasheet
140Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
10-Dec-08
43CTT100 VISHAY-43CTT100_12 Datasheet
162Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
08-Sep-08
VS-6CUT04 VISHAY-VS-6CUT04_V01 Datasheet
137Kb / 8P
High Performance Schottky Generation 5.0, 2 x 3 A
03-Nov-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com