Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53MT80KPBF Datasheet (PDF) - Vishay Siliconix

53MT80KPBF Datasheet PDF - Vishay Siliconix
Part # 53MT80KPBF
Download  53MT80KPBF Download
File Size   188.49 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Controlled Bridge (Power Modules), 55 A to 110 A

53MT80KPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
53MT80KPBF Datasheet PDF - Vishay Siliconix

Part # 53MT80KPBF
Download  53MT80KPBF Click to download

File Size   188.49 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Controlled Bridge (Power Modules), 55 A to 110 A

53MT80KPBF Datasheet (HTML) - Vishay Siliconix


53MT80KPBF Product details

DESCRIPTION

A range of extremely compact, encapsulated three phase controlled bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and heavy duty applications.



FEATURES

• Package fully compatible with the industry standard INT-A-PAK power modules series

• High thermal conductivity package, electrically insulated case

• Excellent power volume ratio

• 4000 VRMS isolating voltage

• UL E78996 approved

• Compliant to RoHS directive 2002/95/EC

• Designed and qualified for industrial level



 




Similar Part No. - 53MT80KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
53MT80KB IRF-53MT80KB Datasheet
121Kb / 9P
THREE PHASE CONTROLLED BRIDGE
53MT80KBS90 IRF-53MT80KBS90 Datasheet
121Kb / 9P
THREE PHASE CONTROLLED BRIDGE
More results


Similar Description - 53MT80KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
16-Jul-14
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF Datasheet
175Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
25-Nov-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com