Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2727 Datasheet (PDF) - Vishay Siliconix

DG2727 Datasheet PDF - Vishay Siliconix
Part # DG2727
Download  DG2727 Download
File Size   150.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch

DG2727 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2727 Datasheet PDF - Vishay Siliconix

Part # DG2727
Download  DG2727 Click to download

File Size   150.83 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch

DG2727 Datasheet (HTML) - Vishay Siliconix


DG2727 Product details

DESCRIPTION
The DG2727, DG2728, and DG2729 are 0.6 Ω dual SPST analog switches. When Sx are used as signal input, these devices support AC-coupled audio signals with single rail power supply. Audio signals can swing below ground down to V+ - 4.3 V.

FEATURES
• Halogen-free according to IEC 61249-2-21 definition
• Wide operation voltage range: 1.6 V to 4.3 V
• Low 0.6 Ω (typical at 2.7 V) on-resistance
• Guaranteed logic high threshold: Vth(high) = 1.2 V at V+ = 4.3 V
• - 82 dB crosstalk and - 76 dB off-isolation at 100 kHz
• 250 MHz, - 3 dB bandwidth
• 0.006 % total harmonic distortion
• > 250 mA latch up current per JESD78
• > 8 kV ESD/HBM per MIL-STD 883 (method 3015)
• Compliant to RoHS directive 2002/95/EC

BENEFITS
• Ultra small miniQFN-8L package of 1.4 mm x 1.4 mm x 0.55 mm
• High fidelity audio switch
• Reed relay replacement
• Low power consumption

APPLICATIONS
• Cellular phones
• GPS and portable media player
• Audio and video signal routing
• Modems
• Hard drives and computer peripherals
• Low voltage data-acquisition circuits
• Medical and test equipment




Similar Part No. - DG2727

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2727 VISHAY-DG2727 Datasheet
167Kb / 9P
0.65-Ω, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
13-Apr-09
DG2727DN-T1-E4 VISHAY-DG2727DN-T1-E4 Datasheet
167Kb / 9P
0.65-Ω, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
13-Apr-09
DG2727 VISHAY-DG2727_V01 Datasheet
167Kb / 9P
0.65-Ω, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
13-Apr-09
More results


Similar Description - DG2727

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
November 3, 2009
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST
November 3, 2009
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
0.4-ohm, Low Voltage, Dual SPST Analog Switch
09-Mar-09
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
MagnaChip Semiconductor...
MSI2021 MGCHIP-MSI2021 Datasheet
345Kb / 11P
0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Vishay Siliconix
DG2727 VISHAY-DG2727_V01 Datasheet
167Kb / 9P
0.65-Ω, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
13-Apr-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com