Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2727 Datasheet (PDF) - Vishay Siliconix

DG2727 Datasheet PDF - Vishay Siliconix
Part # DG2727
Download  DG2727 Download
File Size   167.79 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.65-Ω, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch

DG2727 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2727 Datasheet PDF - Vishay Siliconix

Part # DG2727
Download  DG2727 Click to download

File Size   167.79 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.65-Ω, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch

DG2727 Datasheet (HTML) - Vishay Siliconix


DG2727 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
definition
• Wide operation voltage range: 1.6 V to 4.3 V
• Low 0.6 Ω (typical at 2.7 V) on-resistance
• Guaranteed logic high threshold:
Vth(high) = 1.2 V at V+ = 4.3 V
• - 82 dB crosstalk and - 76 dB off-isolation at 100 kHz
• 250 MHz, - 3 dB bandwidth
• 0.006 % total harmonic distortion
• > 250 mA latch up current per JESD78
• > 8 kV ESD/HBM per MIL-STD 883 (method 3015)
• Compliant to RoHS directive 2002/95/EC

BENEFITS
• Ultra small miniQFN-8L package of 1.4 mm x 1.4 mm
x 0.55 mm
• High fidelity audio switch
• Reed relay replacement
• Low power consumption

APPLICATIONS
• Cellular phones
• GPS and portable media player
• Audio and video signal routing
• Modems
• Hard drives and computer peripherals
• Low voltage data-acquisition circuits
• Medical and test equipment

DESCRIPTION
The DG2727, DG2728, and DG2729 are 0.6 Ω dual SPST
analog switches. When Sx are used as signal input, these
devices support AC-coupled audio signals with single rail
power supply. Audio signals can swing below ground down
to V+ - 4.3 V.
Built on Vishay Siliconix’s sub-micro CMOS technology, the
DG2747/2748/2749 achieve 0.6 Ω on-resistance and 0.2 Ω
flatness at 2.7 V power supply. Its total harmonic distortion is
0.006 % (frequency ranges 20 Hz to 20 kHz).
It achieves - 72 dB off-isolation and - 100 dB crosstalk at
100 kHz. Its - 3 dB bandwidth is up to 78 MHz.
Select pin of control logic can tolerate voltage above power
supply up to 4.3 V. It has guaranteed 1.2 V logic high for the
power supply 2.7 V to 4.3 V range. This makes it compatible
with many low voltage digital control circuits.
Combining wide operation voltage, low power, high speed,
low on-resistance and small physical size, the DG2747,
DG2748, DG2749 are ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG2747, DG2748, DG2749 come in a small
miniQFN-8L package (1.4 mm x 1.4 mm x 0.55 mm) and
operate over - 40 °C to + 85 °C extended temperature range.




Similar Part No. - DG2727

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2727 VISHAY-DG2727 Datasheet
150Kb / 8P
0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
13-Apr-09
DG2727DN-T1-E4 VISHAY-DG2727DN-T1-E4 Datasheet
150Kb / 8P
0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
13-Apr-09
More results


Similar Description - DG2727

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
30-Apr-07
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG2727 VISHAY-DG2727 Datasheet
150Kb / 8P
0.65-ohm, Low Voltage, Negative Swing Capable, Dual SPST Analog Switch
13-Apr-09
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Will Semiconductor Ltd.
WAS4761Q WILLSEMI-WAS4761Q Datasheet
367Kb / 9P
Dual SPST Analog Switch with Negative Swing Audio Capability and 12V Tolerance
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com