Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FU206 Datasheet (PDF) - Sanyo Semicon Device

LE25FU206 Datasheet PDF - Sanyo Semicon Device
Part # LE25FU206
Download  LE25FU206 Download
File Size   167.71 Kbytes
Page   21 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2M-bit (256K횞8) Serial Flash Memory

LE25FU206 Datasheet (PDF)

Go To PDF Page Download Datasheet
LE25FU206 Datasheet PDF - Sanyo Semicon Device

Part # LE25FU206
Download  LE25FU206 Click to download

File Size   167.71 Kbytes
Page   21 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2M-bit (256K횞8) Serial Flash Memory

LE25FU206 Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - LE25FU206

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
2M-bit Serial Flash Memory
More results


Similar Description - LE25FU206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
OKI electronic componet...
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
2M-bit Serial Voice Flash Memory
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
logo
Sanyo Semicon Device
LE25FW203A SANYO-LE25FW203A Datasheet
127Kb / 18P
CMOS IC 2M-bit (256K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
2M-bit Serial Flash Memory
logo
Winbond
W25Q20BW WINBOND-W25Q20BW Datasheet
2Mb / 70P
1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Sanyo Semicon Device
LE25U20AMB SANYO-LE25U20AMB Datasheet
163Kb / 21P
2M-bit (256K횞8) Serial Flash Memory
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
ELM Electronics
GD25Q21B ELM-GD25Q21B Datasheet
3Mb / 49P
2M-bit Serial Flash
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
8M-BIT SERIAL FLASH MEMORY
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com