Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDV66 Datasheet (PDF) - Inchange Semiconductor Company Limited

BDV66 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDV66
Download  BDV66 Download
File Size   115.59 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

BDV66 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDV66 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDV66
Download  BDV66 Click to download

File Size   115.59 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

BDV66 Datasheet (HTML) - Inchange Semiconductor Company Limited


BDV66 Product details

DESCRIPTION

• Collector Current -IC= -16A

• Collector-Emitter Saturation Voltage-

   : VCE(sat)= -2.0V(Max.)@ IC= -10A

• Complement to Type BDV67/A/B/C



APPLICATIONS

• Designed for audio output stages and general amplifier and switching applications



 




Similar Part No. - BDV66

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
logo
Comset Semiconductor
BDV66 COMSET-BDV66 Datasheet
79Kb / 4P
PNP SILICON DARLINGTONS POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDV66 NJSEMI-BDV66 Datasheet
139Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Mospec Semiconductor
BDV66A MOSPEC-BDV66A Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
logo
Comset Semiconductor
BDV66A COMSET-BDV66A Datasheet
79Kb / 4P
PNP SILICON DARLINGTONS POWER TRANSISTORS
More results


Similar Description - BDV66

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com