Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX35 Datasheet (PDF) - Inchange Semiconductor Company Limited

BDX35 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDX35
Download  BDX35 Download
File Size   130.83 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

BDX35 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX35 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDX35
Download  BDX35 Click to download

File Size   130.83 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

BDX35 Datasheet (HTML) - Inchange Semiconductor Company Limited


BDX35 Product details

DESCRIPTION
· With TO-126 package
· High current (Max: 5A)

APPLICATIONS
· High current switching in power applications

VCBO Collector-base voltage Open emitter 100 V
VCEO Collector-emitter voltage Open base 60 V
VEBO Emitter -base voltage Open collector 5 V
IC Collector current (DC) 5 A
ICM Collector current-Peak 10 A
IBM Base current-Peak 2 A
PT Total power dissipation Tmb≤75℃ 15 W




Similar Part No. - BDX35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDX35 PHILIPS-BDX35 Datasheet
71Kb / 8P
NPN switching transistors
1997 Apr 16
logo
Savantic, Inc.
BDX35 SAVANTIC-BDX35 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX35 COMSET-BDX35 Datasheet
219Kb / 4P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
logo
Savantic, Inc.
BDX35 SAVANTIC-BDX35 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BDX35 NJSEMI-BDX35 Datasheet
108Kb / 3P
SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Similar Description - BDX35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com