Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX35 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX35
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX35 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX35 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX35 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BDX35 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDX35
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat-1
Collector-emitter saturation voltage
IC=5A; IB=0.5A
0.9
V
VCEsat-2
Collector-emitter saturation voltage
IC=7A; IB=0.7A
1.2
V
VBEsat-1
Base-emitter saturation voltage
IC=5A; IB=0.5A
1.7
V
VBEsat-2
Base-emitter saturation voltage
IC=7A; IB=0.7A
2.0
V
ICBO
Collector cut-off current
VCB=80V; IE=0
Tj=100℃
0.1
10
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
μA
hFE
DC current gain
IC=0.5A ; VCE=10V
45
450
CC
Collector capacitance
IE=0;VCB=10V ;f=1MHz
40
pF
fT
Transition frequency
IC=0.5A; VCE=5V ;f=100MHz
100
MHz
Switching times
ICon=1A;IBon=-IBoff=0.1A
60
100
ICon=2A;IBon=-IBoff=0.2A
80
ton
Turn-on time
ICon=5A;IBon=-IBoff=0.5A
180
300
ns
ICon=1A;IBon=-IBoff=0.1A
600
800
ICon=2A;IBon=-IBoff=0.2A
450
700
toff
turn-off time
ICon=5A;IBon=-IBoff=0.5A
350
500
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com