Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP3055 Datasheet (PDF) - Inchange Semiconductor Company Limited

TIP3055 Datasheet PDF - Inchange Semiconductor Company Limited
Part # TIP3055
Download  TIP3055 Download
File Size   155.45 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

TIP3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP3055 Datasheet PDF - Inchange Semiconductor Company Limited

Part # TIP3055
Download  TIP3055 Click to download

File Size   155.45 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

TIP3055 Datasheet (HTML) - Inchange Semiconductor Company Limited


TIP3055 Product details

DESCRIPTION
• Excellent Safe Operating Area
• DC Current Gain- : hFE=20-70@IC = 4A
• Collector-Emitter Saturation Voltage- : VCE(sat)= 1.1 V(Max)@ IC = 4A
• Complement to Type TIP2955

APPLICATIONS
• Designed for general-purpose switching and amplifier applications.




Similar Part No. - TIP3055

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP3055 MOSPEC-TIP3055 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Motorola, Inc
TIP3055 MOTOROLA-TIP3055 Datasheet
104Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP3055 ONSEMI-TIP3055 Datasheet
101Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
logo
Power Innovations Ltd
TIP3055 POINN-TIP3055 Datasheet
95Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
STMicroelectronics
TIP3055 STMICROELECTRONICS-TIP3055 Datasheet
45Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
More results


Similar Description - TIP3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com