Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP3055 Datasheet (PDF) - Power Innovations Ltd

TIP3055 Datasheet PDF - Power Innovations Ltd
Part # TIP3055
Download  TIP3055 Download
File Size   95.38 Kbytes
Page   6 Pages
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd
Description NPN SILICON POWER TRANSISTOR

TIP3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP3055 Datasheet PDF - Power Innovations Ltd

Part # TIP3055
Download  TIP3055 Click to download

File Size   95.38 Kbytes
Page   6 Pages
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd
Description NPN SILICON POWER TRANSISTOR

TIP3055 Datasheet (HTML) - Power Innovations Ltd


TIP3055 Product details

● Designed for Complementary Use with the TIP2955 Series
● 90 W at 25°C Case Temperature
● 15 A Continuous Collector Current
● Customer-Specified Selections Available

Collector-base voltage (IE = 0) VCBO 100 V
Collector-emitter voltage (IB = 0) (see Note 1) VCER 70 V
Emitter-base voltage VEBO 7 V
Continuous collector current IC 15 A




Similar Part No. - TIP3055

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP3055 MOSPEC-TIP3055 Datasheet
107Kb / 3P
POWER TRANSISTORS(15A,60V,90W)
logo
Motorola, Inc
TIP3055 MOTOROLA-TIP3055 Datasheet
104Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP3055 ONSEMI-TIP3055 Datasheet
101Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
logo
STMicroelectronics
TIP3055 STMICROELECTRONICS-TIP3055 Datasheet
45Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
logo
Wing Shing Computer Com...
TIP3055 WINGS-TIP3055 Datasheet
64Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results


Similar Description - TIP3055

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com