Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT15-03W Datasheet (PDF) - Siemens Semiconductor Group

BAT15-03W Datasheet PDF - Siemens Semiconductor Group
Part # BAT15-03W
Download  BAT15-03W Download
File Size   65.96 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)

BAT15-03W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT15-03W Datasheet PDF - Siemens Semiconductor Group

Part # BAT15-03W
Download  BAT15-03W Click to download

File Size   65.96 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)

BAT15-03W Datasheet (HTML) - Siemens Semiconductor Group


BAT15-03W Product details

• DBS mixer applications to 12 GHz
• Low noise figure
• Low barrier type




Similar Part No. - BAT15-03W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT15-03W INFINEON-BAT15-03W Datasheet
525Kb / 10P
Silicon Schottky Diodes
Jan-30-2003
BAT15-03W INFINEON-BAT15-03W Datasheet
92Kb / 3P
Silicon Schottky Diode
Oct-07-1999
logo
Guangdong Kexin Industr...
BAT15-03W KEXIN-BAT15-03W Datasheet
33Kb / 1P
Silicon Schottky diode
logo
Infineon Technologies A...
BAT15-03W INFINEON-BAT15-03W Datasheet
970Kb / 16P
Silicon Schottky Diodes
2010-03-05
BAT15-03W INFINEON-BAT15-03W Datasheet
1Mb / 16P
Low barrier type for DBS mixer applications
More results


Similar Description - BAT15-03W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14-03W SIEMENS-BAT14-03W Datasheet
36Kb / 4P
Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
BAT14-098 SIEMENS-BAT14-098 Datasheet
88Kb / 4P
Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT14-099 SIEMENS-BAT14-099 Datasheet
79Kb / 4P
Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-098 SIEMENS-BAT15-098 Datasheet
88Kb / 4P
Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
BAT15-099 SIEMENS-BAT15-099 Datasheet
143Kb / 4P
Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT15-02EL INFINEON-BAT15-02EL Datasheet
1Mb / 16P
Low barrier type for DBS mixer applications
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
Low Noise Figure
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
Low Noise Figure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com