Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS540 Datasheet (PDF) - Inchange Semiconductor Company Limited

BFS540 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFS540
Download  BFS540 Download
File Size   253.0 Kbytes
Page   7 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Figure

BFS540 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS540 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFS540
Download  BFS540 Click to download

File Size   253.0 Kbytes
Page   7 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Figure

BFS540 Datasheet (HTML) - Inchange Semiconductor Company Limited


BFS540 Product details

DESCRIPTION
• Low Noise Figure
   NF = 1.3 dB TYP. @VCE = 8 V, lc = 10 mA, f = 900 MHz
• High Current-Gain—Bandwidth Product
   fT= 9 GHz TYP. @VCE = 8 V, lc = 40 mA, f = 1GHz
  
APPLICATIONS
• Designed for RF wideband amplifier applications such as
   satellite TV systems and RF portable communication
   equipment with signal frequencies up to 2 GHz.




Similar Part No. - BFS540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
NPN 9 GHz wideband transistor
November 1992
BFS540 NXP-BFS540 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BFS540 NJSEMI-BFS540 Datasheet
81Kb / 2P
Silicon NPN RF Transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
2000 May 30
logo
Quanzhou Jinmei Electro...
BFS540 JMNIC-BFS540_15 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
More results


Similar Description - BFS540

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
Low Noise Figure
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
Very Low noise figure
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
Low noise figure
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com