Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG193 Datasheet (PDF) - Inchange Semiconductor Company Limited

BFG193 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFG193
Download  BFG193 Download
File Size   185.15 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Figure

BFG193 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG193 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFG193
Download  BFG193 Click to download

File Size   185.15 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Figure

BFG193 Datasheet (HTML) - Inchange Semiconductor Company Limited


BFG193 Product details

DESCRIPTION
• Low Noise Figure
   NF = 1.3 dB TYP. @VCE = 8 V, IC = 10 mA, f = 900 MHz
• High Gain
   ︱ S21e︱ 2 = 13.5 dB TYP. @VCE= 8 V,IC = 30 mA,f = 900 MHz

APPLICATIONS
• Designed for use in low noise ,high-gain amplifiers and
   linear broadband amplifiers.




Similar Part No. - BFG193

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFG193 INFINEON-BFG193 Datasheet
59Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
logo
New Jersey Semi-Conduct...
BFG193 NJSEMI-BFG193 Datasheet
73Kb / 2P
Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFG193 INFINEON-BFG193 Datasheet
62Kb / 6P
NPN Silicon RF Transistor
2007-04-20
BFG193 INFINEON-BFG193_07 Datasheet
62Kb / 6P
NPN Silicon RF Transistor
2007-04-20
More results


Similar Description - BFG193

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
Low Noise Figure
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
Very Low noise figure
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
Low noise figure
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com