Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR106 Datasheet (PDF) - Inchange Semiconductor Company Limited

BFR106 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFR106
Download  BFR106 Download
File Size   189.42 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Figure

BFR106 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR106 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFR106
Download  BFR106 Click to download

File Size   189.42 Kbytes
Page   5 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Figure

BFR106 Datasheet (HTML) - Inchange Semiconductor Company Limited


BFR106 Product details

DESCRIPTION
• Low Noise Figure
   NF = 2.5 dB TYP. @VCE = 8 V, IC = 20 mA, f = 900 MHz
• High Gain
   ︱ S21e︱ 2 = 10.5 dB TYP. @VCE= 8 V,IC = 70 mA,f = 900 MHz

APPLICATIONS
• Designed for use in low noise ,high-gain amplifiers and linear broadband amplifiers.




Similar Part No. - BFR106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR106 PHILIPS-BFR106 Datasheet
63Kb / 8P
NPN 5 GHz wideband transistor
September 1995
logo
Siemens Semiconductor G...
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR106 INFINEON-BFR106 Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
BFR106 INFINEON-BFR106 Datasheet
523Kb / 9P
NPN Silicon RF Transistor
2010-12-03
logo
NXP Semiconductors
BFR106 NXP-BFR106 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BFR106

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
Low Noise Figure
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
Low Noise Figure
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
Very Low noise figure
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
Low noise figure
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com