Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR106 Datasheet (PDF) - Infineon Technologies AG

BFR106 Datasheet PDF - Infineon Technologies AG
Part # BFR106
Download  BFR106 Download
File Size   80.64 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFR106 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR106 Datasheet PDF - Infineon Technologies AG

Part # BFR106
Download  BFR106 Click to download

File Size   80.64 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor

BFR106 Datasheet (HTML) - Infineon Technologies AG


BFR106 Product details

Low Noise Silicon Bipolar RF Transistor

• High linearity low noise RF transistor
• 22 dBm OP1dB and 31 dBm OIP3 @ 900 MHz, 8 V, 70 mA
• For UHF / VHF applications
• Driver for multistage amplifiers
• For linear broadband and antenna amplifiers
• Collector design supports 5 V supply voltage
• Pb-free (RoHS compliant) package
• Qualification report according to AEC-Q101 available




Similar Part No. - BFR106

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR106 PHILIPS-BFR106 Datasheet
63Kb / 8P
NPN 5 GHz wideband transistor
September 1995
logo
Siemens Semiconductor G...
BFR106 SIEMENS-BFR106 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR106 INFINEON-BFR106 Datasheet
523Kb / 9P
NPN Silicon RF Transistor
2010-12-03
logo
NXP Semiconductors
BFR106 NXP-BFR106 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFR106 PHILIPS-BFR106 Datasheet
229Kb / 10P
NPN 5 GHz wideband transistor
September 1995
More results


Similar Description - BFR106

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com