Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS540 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFS540
Description  Low Noise Figure
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFS540 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFS540 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFS540 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFS540 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BFS540 Datasheet HTML 4Page - Inchange Semiconductor Company Limited BFS540 Datasheet HTML 5Page - Inchange Semiconductor Company Limited BFS540 Datasheet HTML 6Page - Inchange Semiconductor Company Limited BFS540 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
BFS540
DESCRIPTION
·
Low Noise Figure
NF = 1.3 dB TYP. @VCE = 8 V, IC = 10 mA, f = 900 MHz
·
High Current-Gain—Bandwidth Product
fT= 9 GHz TYP. @VCE = 8 V, IC = 40 mA, f = 1 GHz
APPLICATIONS
·
Designed for RF wideband amplifier applications such as
satellite TV systems and RF portable communication
equipment with signal frequencies up to 2 GHz.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
120
mA
PC
Collector Power Dissipation
@TC=25℃
0.5
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - BFS540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
NPN 9 GHz wideband transistor
November 1992
BFS540 NXP-BFS540 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BFS540 NJSEMI-BFS540 Datasheet
81Kb / 2P
Silicon NPN RF Transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
2000 May 30
logo
Quanzhou Jinmei Electro...
BFS540 JMNIC-BFS540_15 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
More results

Similar Description - BFS540

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
Low Noise Figure
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
Very Low noise figure
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
Low noise figure
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com