Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1323 Datasheet (PDF) - Maxim Integrated Products

DS1323 Datasheet PDF - Maxim Integrated Products
Part # DS1323
Download  DS1323 Download
File Size   315.25 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor

DS1323 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1323 Datasheet PDF - Maxim Integrated Products

Part # DS1323
Download  DS1323 Click to download

File Size   315.25 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor

DS1323 Datasheet (HTML) - Maxim Integrated Products


DS1323 Product details

DESCRIPTION

The DS1323 Flexible Nonvolatile Controller with Lithium Battery Monitor is a CMOS circuit that solves the application problem of converting CMOS SRAMs into nonvolatile memory. Incoming power is monitored for an out-of-tolerance condition. When such a condition is detected, chip-enable outputs are inhibited to accomplish write protection and the battery is switched on to supply the SRAMs with uninterrupted power. Special circuitry uses a low-leakage CMOS process which affords precise voltage detection at extremely low battery consumption. One DS1323 can support as many as four SRAMs arranged in any of three memory configurations.



FEATURES

Converts CMOS SRAM into nonvolatile memory

Unconditionally write-protects SRAM when VCC is out of tolerance

Automatically switches to battery backup when VCC power failure occurs

Flexible memory organization

   - Mode 0: 4 banks with 1 SRAM each

   - Mode 1: 2 banks with 2 SRAMs each

   - Mode 2: 1 bank with 4 SRAMs each

Monitors voltage of a lithium cell and provides advanced warning of impending battery failure

Signals low-battery condition on active low battery warning output signal

Resets processor when power failure occurs and holds processor in reset during system power-up

10% power-fail detection

Industrial temperature range of -40°C to +85°C




Similar Part No. - DS1323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1323+ MAXIM-DS1323+ Datasheet
314Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 5/12
DS1323+T&R MAXIM-DS1323+T&R Datasheet
314Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 5/12
DS1323_1205 MAXIM-DS1323_1205 Datasheet
314Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 5/12
More results


Similar Description - DS1323

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1321 DALLAS-DS1321 Datasheet
220Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
3V Nonvolatile Controller with Lithium Battery Monitor
DS1312 DALLAS-DS1312_04 Datasheet
188Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1321 DALLAS-DS1321_04 Datasheet
202Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1323_1205 MAXIM-DS1323_1205 Datasheet
314Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 5/12
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
logo
ARTSCHIP ELECTRONICS CO...
DS1312 ARTSCHIP-DS1312 Datasheet
322Kb / 10P
Nonvolatile Controller with Lithium Battery Monitor
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1312 MAXIM-DS1312 Datasheet
507Kb / 12P
Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com