Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1321 Datasheet (PDF) - Dallas Semiconductor

DS1321 Datasheet PDF - Dallas Semiconductor
Part # DS1321
Download  DS1321 Download
File Size   220.32 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Flexible Nonvolatile Controller with Lithium Battery Monitor

DS1321 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1321 Datasheet PDF - Dallas Semiconductor

Part # DS1321
Download  DS1321 Click to download

File Size   220.32 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Flexible Nonvolatile Controller with Lithium Battery Monitor

DS1321 Datasheet (HTML) - Dallas Semiconductor


DS1321 Product details

DESCRIPTION
The DS1321 Flexible Nonvolatile Controller with Lithium Battery Monitor is a CMOS circuit which solves the application problem of converting CMOS SRAMs into nonvolatile memory. Incoming power is monitored for an out-of-tolerance condition.

FEATURES
■ Converts CMOS SRAM into nonvolatile
   memory
■ Unconditionally write-protects SRAM when
   VCC is out of tolerance
■ Automatically switches to battery backup
   supply when VCC power failure occurs
■ Flexible memory organization
   - Mode 0: 4 banks with 1 SRAM each
   - Mode 1: 2 banks with 2 SRAMs each
   - Mode 2: 1 bank with 4 SRAMs each
■ Monitors voltage of a lithium cell and
   provides advanced warning of impending
   battery failure
■ Signals low-battery condition on active low
   Battery Warning output signal
■ Resets processor when power failure occurs
   and holds processor in reset during system
   power-up
■ Optional 5% or 10% power-fail detection
■ 16-pin DIP, 16-pin SOIC and 20-pin TSSOP
   packages
■ Industrial temperature range of -40°C to
   +85°C




Similar Part No. - DS1321

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1321 DALLAS-DS1321 Datasheet
202Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
DS1321+ MAXIM-DS1321+ Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
DS1321E+ MAXIM-DS1321E+ Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
DS1321S+ MAXIM-DS1321S+ Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
More results


Similar Description - DS1321

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
3V Nonvolatile Controller with Lithium Battery Monitor
DS1312 DALLAS-DS1312_04 Datasheet
188Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1321 DALLAS-DS1321_04 Datasheet
202Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1323 MAXIM-DS1323 Datasheet
315Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/11
DS1323_1205 MAXIM-DS1323_1205 Datasheet
314Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 5/12
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
logo
ARTSCHIP ELECTRONICS CO...
DS1312 ARTSCHIP-DS1312 Datasheet
322Kb / 10P
Nonvolatile Controller with Lithium Battery Monitor
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1312 MAXIM-DS1312 Datasheet
507Kb / 12P
Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com