Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1321 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1321 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1321 Datasheet HTML 2Page - Dallas Semiconductor DS1321 Datasheet HTML 3Page - Dallas Semiconductor DS1321 Datasheet HTML 4Page - Dallas Semiconductor DS1321 Datasheet HTML 5Page - Dallas Semiconductor DS1321 Datasheet HTML 6Page - Dallas Semiconductor DS1321 Datasheet HTML 7Page - Dallas Semiconductor DS1321 Datasheet HTML 8Page - Dallas Semiconductor DS1321 Datasheet HTML 9Page - Dallas Semiconductor DS1321 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS1321
6 of 12
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage TOL=GND
VCCI
4.75
5.0
5.5
V
1
Supply Voltage TOL=VCCO
VCCI
4.5
5.0
5.5
V
1
Battery Supply Voltage
VBAT
2.0
3.0
6.0
V
1
Logic 1 Input
VIH
2.0
VCCI+0.3
V
1, 12
Logic 0 Input
VIL
-0.3
+0.8
V
1, 12
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI
≥ V
CCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Current (TTL inputs)
ICC1
1
1.5
mA
2
Operating Current (CMOS inputs)
ICC2
100
150
µA
2, 5
RAM Supply Voltage
VCCO
VCC1
-0.2
V1
RAM Supply Current
(VCCO
≥ VCCI -0.2V)
ICCO1
185
mA
3
Supply Current
(VCCO
≥ VCCI -0.3V)
ICCO2
260
mA
4
VCC Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.75
V
1
VCC Trip Point (TOL=VCCO)VCCTP
4.25
4.37
4.50
V
1
VBAT Trip Point
VBTP
2.50
2.6
2.70
V
1
Output Current @ 2.2V
IOH
-1
mA
7, 10
Output Current @ 0.4V
IOL
4
mA
7, 10
Input Leakage
IIL
-1.0
+1.0
µA
Output Leakage
ILO
-1.0
+1.0
µA
Battery Monitoring Test Load
RINT
0.8
1.2
1.5
MΩ
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI < VBAT; VCCI < VCCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Battery Current
IBAT
100
nA
2
Battery Backup Current
ICCO3
500
µA
6
Supply Voltage
VCCO
VBAT-0.2
V1
CEO
Output
VOHL
VBAT-0.2
V
1, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com