Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1321 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1321 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1321 Datasheet HTML 3Page - Dallas Semiconductor DS1321 Datasheet HTML 4Page - Dallas Semiconductor DS1321 Datasheet HTML 5Page - Dallas Semiconductor DS1321 Datasheet HTML 6Page - Dallas Semiconductor DS1321 Datasheet HTML 7Page - Dallas Semiconductor DS1321 Datasheet HTML 8Page - Dallas Semiconductor DS1321 Datasheet HTML 9Page - Dallas Semiconductor DS1321 Datasheet HTML 10Page - Dallas Semiconductor DS1321 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS1321
7 of 12
CAPACITANCE
(tA =25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
( CEI *, TOL, MODE)
CIN
7pF
Output Capacitance
( CEO *, BW , RST )
COUT
7pF
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI
≥ V
CCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CEI
to CEO Propagation Delay
tPD
12
20
ns
CE
Pulse Width
tCE
1.5
µs
11
VCC Valid to End of
Write Protection
tREC
125
ms
9
VCC Valid to CEI Inactive
tPU
2ms
VCC Valid to RST Inactive
tRPU
150
200
350
ms
10
VCC Valid to BW Valid
tBPU
1s
10
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI < VCCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Slew Rate
tF
150
µs
VCC Fail Detect to RST Active
tRPD
15
µs
10
VCC Slew Rate
tR
15
µs
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI
≥ V
CCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Battery Test to BW Active
tBW
1s
10
Battery Test Cycle-Normal
tBTCN
24
hr
Battery Test Cycle-Warning
tBTCW
5s
Battery Test Pulse Width
tBTPW
1s
Battery Detach to Battery Attach
tBDBA
7s
Battery Attach to BW Inactive
tBABW
1s
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com