Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1321 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1321 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1321 Datasheet HTML 1Page - Dallas Semiconductor DS1321 Datasheet HTML 2Page - Dallas Semiconductor DS1321 Datasheet HTML 3Page - Dallas Semiconductor DS1321 Datasheet HTML 4Page - Dallas Semiconductor DS1321 Datasheet HTML 5Page - Dallas Semiconductor DS1321 Datasheet HTML 6Page - Dallas Semiconductor DS1321 Datasheet HTML 7Page - Dallas Semiconductor DS1321 Datasheet HTML 8Page - Dallas Semiconductor DS1321 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
111999
FEATURES
Converts CMOS SRAM into nonvolatile
memory
Unconditionally write-protects SRAM when
VCC is out of tolerance
Automatically switches to battery backup
supply when VCC power failure occurs
Flexible memory organization
- Mode 0: 4 banks with 1 SRAM each
- Mode 1: 2 banks with 2 SRAMs each
- Mode 2: 1 bank with 4 SRAMs each
Monitors voltage of a lithium cell and
provides advanced warning of impending
battery failure
Signals low-battery condition on active low
Battery Warning output signal
Resets processor when power failure occurs
and holds processor in reset during system
power-up
Optional -5% or -10% power-fail detection
16-pin DIP, 16-pin SOIC and 20-pin TSSOP
packages
Industrial temperature range of -40°C to
+85°C
PIN DESCRIPTION
VCCI
- +5V Power Supply Input
VCCO
- SRAM Power Supply Output
VBAT
- Backup Battery Input
A, B
- Address Inputs
CEI1
- CEI4
- Chip Enable Inputs
CEO1
- CEO4 - Chip Enable Outputs
TOL
- VCC Tolerance Select
BW
- Battery Warning Output (Open
Drain)
RST
- Reset Output (Open Drain)
MODE
- Mode Input
GND
- Ground
NC
- No Connection
PIN ASSIGNMENT
DS1321
Flexible Nonvolatile Controller with
Lithium Battery Monitor
www.dalsemi.com
1
2
3
4
20
19
18
17
5
6
7
8
9
10
11
12
13
14
15
16
NC
DS1321E 20-Pin TSSOP
VCCI
RST
BW
CEO1
CEO2
NC
CEO3
CEO4
NC
MODE
VCCO
VBAT
TOL
CEI1
CEI2
NC
A/CEI3
B/CEI4
GND
1
2
3
4
16
15
14
13
5
6
7
89
10
11
12
VCCI
RST
BW
CEO1
CEO2
CEO3
CEO4
MODE
VCCO
VBAT
TOL
CEI1
CEI2
A/CEI3
B/CEI4
GND
DS1321 16-Pin DIP
(300-mil)
1
2
3
4
16
15
14
13
5
6
7
89
10
11
12
VCCI
RST
BW
CEO1
CEO2
CEO3
CEO4
MODE
VCCO
VBAT
TOL
CEI1
CEI2
A/CEI3
B/CEI4
GND
DS1321S 16-Pin SOIC
(150-mil)


Similar Part No. - DS1321

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1321 DALLAS-DS1321 Datasheet
202Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
DS1321+ MAXIM-DS1321+ Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
DS1321E+ MAXIM-DS1321E+ Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
DS1321S+ MAXIM-DS1321S+ Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
More results

Similar Description - DS1321

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
3V Nonvolatile Controller with Lithium Battery Monitor
DS1312 DALLAS-DS1312_04 Datasheet
188Kb / 11P
Nonvolatile Controller with Lithium Battery Monitor
DS1321 DALLAS-DS1321_04 Datasheet
202Kb / 12P
Flexible Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1323 MAXIM-DS1323 Datasheet
315Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/11
DS1323_1205 MAXIM-DS1323_1205 Datasheet
314Kb / 14P
3.3V Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 5/12
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
logo
ARTSCHIP ELECTRONICS CO...
DS1312 ARTSCHIP-DS1312 Datasheet
322Kb / 10P
Nonvolatile Controller with Lithium Battery Monitor
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1312 MAXIM-DS1312 Datasheet
507Kb / 12P
Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com