Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32431 Datasheet (PDF) - Vishay Siliconix

SIP32431 Datasheet PDF - Vishay Siliconix
Part # SIP32431
Download  SIP32431 Download
File Size   325.07 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.0 A Slew Rate Controlled Load Switch with Reverse Blocking in SC70-6, and TDFN4 1.2 mm x 1.6 mm

SIP32431 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32431 Datasheet PDF - Vishay Siliconix

Part # SIP32431
Download  SIP32431 Click to download

File Size   325.07 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.0 A Slew Rate Controlled Load Switch with Reverse Blocking in SC70-6, and TDFN4 1.2 mm x 1.6 mm

SIP32431 Datasheet (HTML) - Vishay Siliconix


SIP32431 Product details

DESCRIPTION

The SiP32431 is a slew rate controlled high side switch with reverse blocking capability. The switch is of a low ON

resistance p-channel MOSFET that supports continuous current up to 1.0 A. The SiP32431 operates with an input voltage from 1.5 V to 5.5 V.



FEATURES

• 1.5 V to 5.5 V input voltage range

• Very low RDS(on), typically 105 mat 5 V and 135 mat 3 V for TDFN4 1.2 mm x 1.6 mm package

• Typical 147 mat 5 V and 178 mat 3 V for SC70-6 package

• Slew rate controlled turn-on time: 100 µs

• Low quiescent current < 1 µA

• Low shutdown current < 1 µA

• Reverse blocking capability

• SC70-6 and TDFN4 1.2 mm x 1.6 mm packages

• Compliant to RoHS Directive 2002/95/EC

• Halogen-free according to IEC 61249-2-21 definition



APPLICATIONS

• Cellular telephones

• Digital still cameras

• Personal digital assistants (PDA)

• Hot swap supplies

• Notebook computers

• Personal communication devices

• Portable Instruments



 




Similar Part No. - SIP32431

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32431 VISHAY-SIP32431 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
SIP32431DN VISHAY-SIP32431DN Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32431DNP3-T1GE4 VISHAY-SIP32431DNP3-T1GE4 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32431DNP3-T1GE4 VISHAY-SIP32431DNP3-T1GE4 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
SIP32431DR VISHAY-SIP32431DR Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
More results


Similar Description - SIP32431

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4282 VISHAY-SIP4282_10 Datasheet
541Kb / 12P
1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6, and TDFN4 1.2 mm x 1.6 mm
29-Mar-10
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
2 A, 1.2 V, Slew Rate Controlled Load Switch
22-Aug-11
logo
Fairchild Semiconductor
FPF1048 FAIRCHILD-FPF1048_13 Datasheet
405Kb / 3P
IntelliMAX??3 A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
logo
Kinetic Technologies.
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601 KINETIC-KTS1601 Datasheet
465Kb / 11P
2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com