Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32411 Datasheet (PDF) - Vishay Siliconix

SIP32411 Datasheet PDF - Vishay Siliconix
Part # SIP32411
Download  SIP32411 Download
File Size   440.01 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2 A, 1.2 V, Slew Rate Controlled Load Switch

SIP32411 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32411 Datasheet PDF - Vishay Siliconix

Part # SIP32411
Download  SIP32411 Click to download

File Size   440.01 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2 A, 1.2 V, Slew Rate Controlled Load Switch

SIP32411 Datasheet (HTML) - Vishay Siliconix


SIP32411 Product details

DESCRIPTION
The SiP32411 is a slew rate controlled load switch that is designed for 1.1 V to 5.5 V operation.
The device guarantees low switch on-resistance at 1.2 V input. It features a controlled soft-on slew rate of typical 150 μs that limits the inrush current for designs of capacitive load or noise sensitive loads.

FEATURES
• 1.1 V to 5.5 V operation voltage range
• 62 mΩ typical from 2 V to 5 V for SiP32411DN
• 101 mΩ typical from 2 V to 5 V for SiP32411DR
• Low RON down to 1.2 V
• Slew rate controlled turn-on: 150 μs at 3.6 V
• Fast shutdown load discharge
• Low quiescent current < 1 μA when disabled 6.7 μA at VIN = 1.2 V
• Switch off reversed blocking
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Cellular phones
• Portable media players
• Digital camera
• GPS
• Computers
• Portable instruments and healthcare devices




Similar Part No. - SIP32411

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32411DNP-T1-GE4 VISHAY-SIP32411DNP-T1-GE4 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32411DR-T1-GE3 VISHAY-SIP32411DR-T1-GE3 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
More results


Similar Description - SIP32411

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32413 VISHAY-SIP32413 Datasheet
2Mb / 12P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
07-Mar-11
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com