Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32413 Datasheet (PDF) - Vishay Siliconix

SIP32413 Datasheet PDF - Vishay Siliconix
Part # SIP32413
Download  SIP32413 Download
File Size   2555.32 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch

SIP32413 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32413 Datasheet PDF - Vishay Siliconix

Part # SIP32413
Download  SIP32413 Click to download

File Size   2555.32 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch

SIP32413 Datasheet (HTML) - Vishay Siliconix


SIP32413 Product details

DESCRIPTION
SiP32413, SiP32414 and SiP32416 are slew rate controlled load switches that is designed for 1.1 V to 5.5 V operation. The devices guarantee low switch on-resistance at 1.2 V input. SiP32413 and SiP32414 feature a controlled soft-on slew rate of typical 150 µs that limits the inrush current for designs of capacitive load or noise sensitive loads. SiP32416 features a longer slew rate of typical 2.5 ms to keep the peak of the inrush current even lower.
The devices feature a low voltage control logic interface (On/Off interface) that can interface with low voltage digital control without extra level shifting circuit. The SiP32414 and SiP32416 also integrate output discharge switches that enable fast shutdown load discharge. When the switches are off, they provide the reverse blocking to prevent high current flowing into the power source.
All SiP32413, SiP32414 and SiP32416 are available in TDFN8 2 mm x 2 mm package. Each switch in each device can support over 2 A of continuous current.

FEATURES
• Halogen-free according to IEC 61249-2-21 definition
• 1.1 V to 5.5 V operation voltage range
• 62 m typical from 2 V to 5 V
• Low RON down to 1.2 V
• Slew rate controlled turn-on: 150 µs at 3.6 V for SiP32413, SiP32414 2.5 ms at 3.6 V for SiP32416
• Fast shutdown load discharge for SiP32414 and SiP32416
• Low quiescent current
   < 1 µA when disabled
   6.7 µA at VIN = 1.2 V
• Switch off reversed blocking
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• Cellular phones
• Portable media players
• Digital camera
• GPS
• Computers
• Portable instruments and healthcare devices




Similar Part No. - SIP32413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413 VISHAY-SIP32413 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
SIP32413 VISHAY-SIP32413 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
More results


Similar Description - SIP32413

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4252A ANALOGICTECH-AAT4252A Datasheet
664Kb / 14P
Dual Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A Datasheet
552Kb / 14P
Dual Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
2 A, 1.2 V, Slew Rate Controlled Load Switch
22-Aug-11
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
19-Dec-11
logo
SiGe Semiconductor, Inc...
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
Dual Slew Rate Controlled Load Switch
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
Dual Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
Dual Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com